Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDFM Datasheet(PDF) 1 Page - TOKO, Inc

Part # WDFM
Description  Dielectric Waveguide Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

WDFM Datasheet(HTML) 1 Page - TOKO, Inc

  WDFM Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WDFM Type
WDFMタイプ
WDFM type is miniature waveguide filter for high frequency
wireless communication about Fixed Wirelwss Access
service (FWA). This type is SMD and monoblock structure.
WDFMタイプはFWA等の高周波通信用に開発された誘電体導波
管フィルタです。
当社の高周波設計技術により、面実装
づけ 化。
空洞型に比べ大幅に小型サイズを実現致しました。
(Unit: mm)
(Unit: mm)
Features
• Surface mount available, miniature size and low profile
• Frequency Range: 10GHz - 30GHz
• High Q and low insertion loss
• High Selectivity
• RoHS compliant
特
長
• 面実装
づけ 、小型低背
• 周波数範囲:10-30GHz
• 高Q、低損失
• 高選択度
• RoHS 指令対応
WDFMB-25000Z-10-01
Specifications 電気的特性
Typical Characteristics 代表特性例
東光品番
TOKO Part Number
WDFMB-25000Z-10-01
中心周波数
Center frequency
25000MHz
帯域幅
Bandwidth
Fo
±230MHz
挿入損失
Insertion loss
1.5dB Max.
リップル
Ripple
0.5dB Max.
VSWR
VSWR
1.7 Max.
減衰度
Attenuation
20dB Min. at Fo
±1700MHz
Applications
• High frequency wireless communications about FWA
• A custom filter is available on order please contact our
sales staff.
用
途
• FWA、加入者無線等の25GHz帯通信機器
• 上記以外の仕様にも対応可能です
Dielectric Waveguide Filters
誘電体導波管フィルタ
WDFM
Series
TOKO Standard Foot Patterns
東光標準フットプリント


Similar Part No. - WDFM

ManufacturerPart #DatasheetDescription
logo
Dubilier
WDF DUBILIER-WDF Datasheet
359Kb / 6P
CERAMIC DISC
logo
Whirlpool.
WDF110PAB WHIRLPOOL-WDF110PAB Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF111PAB WHIRLPOOL-WDF111PAB Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF120PAF WHIRLPOOL-WDF120PAF Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF121PAF WHIRLPOOL-WDF121PAF Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
More results

Similar Description - WDFM

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
Dielectric Ceramic Filters and Duplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
Dielectric Filters for Surface Mounting
6DFA TOKO-6DFA Datasheet
110Kb / 1P
Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
Dielectric Filters
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
Dielectric Devices Dielectric Filters (DF)
logo
Microsemi Corporation
MDU19XX MICROSEMI-MDU19XX Datasheet
841Kb / 2P
WAVEGUIDE TRANSCEIVERS
MO86561 MICROSEMI-MO86561 Datasheet
140Kb / 2P
WAVEGUIDE DETECTORS
logo
Token Electronics Indus...
DF457S30A TOKEN-DF457S30A Datasheet
524Kb / 19P
DF-B Dielectric Filters
logo
API Technologies Corp
CMWD146-1 APITECH-CMWD146-1 Datasheet
116Kb / 1P
Waveguide Diplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com