Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4416CSMA Datasheet(PDF) 2 Page - Seme LAB

Part # 2N4416CSMA
Description  SMALL SIGNAL N-CHANNEL J-FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4416CSMA Datasheet(HTML) 2 Page - Seme LAB

  2N4416CSMA Datasheet HTML 1Page - Seme LAB 2N4416CSMA Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DOC 7169 Issue 1
2N4416CSMA
2N4416ACSM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (TA= 25°C unless otherwise stated)
VDS = 0V
2N4416
IG = –1μA
2N4416A
VDS = 15V
2N4416
ID = 1nA
2N4416A
VDS = 15V
VGS = 0V
VGS = –20
VDS = 0V
Tamb = 125°C
VDG = 10V
ID = 1mA
VDS = 10V
VGS = –10V
IG = 1mA
VDS = 0V
VGS = 0V
ID = 1mA
VDS = 15V
VGS = 0V
f = 1kHz
VDS = 15V
VGS = 0V
f = 1MHz
VDS = 10V
VGS = 0V
f = 1kHz
V(BR)GSS Gate – Source Breakdown Voltage
VGSS(off)
Gate – Source Cut–off Voltage
IDSS*
Saturation Current
IGSS
Gate Reverse Current
IG
Gate Operating Current
ID(off)
Drain Cut–off Current
VGS(F)
Gate – Source Forward Voltage
RDS(on)
Drain – Source On Resistance
gfs
Common – Source Forward
Transconductance
gos
Common – Source Output
Transconductance
Ciss
Common – Source Input Capacitance
Common – Source Reverse Transfer
Crss
Capacitance
Common – Source Output
Coss
Capacitance
_
en
Equivalent Input Noise Voltage
–30
–36
–35
–36
–3
–6
–2.5
–3
–6
510
15
–2
–100
–4
–100
–20
2
0.7
150
4.567.5
15
50
2.2
4
0.7
0.8
12
6
V
mA
pA
nA
pA
V
Ω
ms
μs
pF
nV
√Hz
STATIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
Pulse Test; PW = 300
μs, Duty Cycle # 3%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com