Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4416CSMA Datasheet(PDF) 1 Page - Seme LAB

Part # 2N4416CSMA
Description  SMALL SIGNAL N-CHANNEL J-FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4416CSMA Datasheet(HTML) 1 Page - Seme LAB

  2N4416CSMA Datasheet HTML 1Page - Seme LAB 2N4416CSMA Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10mA
300mW
1.7mW / °C
–55 to 150°C
–55 to 150°C
DOC 7169 Issue 1
2N4416CSMA
2N4416ACSM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
SMALL SIGNAL
N–CHANNEL J–FET IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE (SOT23 COMPATIBLE)
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVEL OPTIONS
APPLICATIONS:
The 2N4416 and 2N4416A are N-Channel
JFETs designed to provide high-performance
amplification, especially at high-frequency.
VGD
Gate – Drain Voltage
VGS
Gate – Source Voltage
IG
Gate Current
PD
Power Dissipation
Derate
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature Range
–30V
–30V
–35V
–35V
MECHANICAL DATA
Dimensions in mm (inches)
SOT23 CERAMIC
(LCC1 PACKAGE)
ABSOLUTE MAXIMUM RATINGS
(Tamb = 25°C unless otherwise stated)
PAD 1 – Source
Underside View
PAD 2 – Drain
PAD 3 – Gate
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
2N4416
2N4416A


Similar Part No. - 2N4416CSMA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4416 FAIRCHILD-2N4416 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
logo
Calogic, LLC
2N4416 CALOGIC-2N4416 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Micro Electronics
2N4416 MICRO-ELECTRONICS-2N4416 Datasheet
140Kb / 1P
N-CHANNEL FET
logo
Linear Integrated Syste...
2N4416 LINEAR-2N4416 Datasheet
237Kb / 2P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
List of Unclassifed Man...
2N4416 ETC1-2N4416 Datasheet
43Kb / 1P
N-Channel JFETs
More results

Similar Description - 2N4416CSMA

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4392CSM SEME-LAB-2N4392CSM Datasheet
19Kb / 2P
SMALL SIGNAL N.CHANNEL J.FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N4393CSM SEME-LAB-2N4393CSM Datasheet
18Kb / 2P
SMALL SIGNAL N.CHANNEL J.FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N918CSM SEME-LAB-2N918CSM Datasheet
19Kb / 2P
GENERAL PURPOSE, SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX753DCSM SEME-LAB-ZTX753DCSM Datasheet
17Kb / 2P
PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
HCT700 SEME-LAB-HCT700 Datasheet
19Kb / 2P
COMPLEMENTARY SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Sames
2N4393DCSM SAMES-2N4393DCSM Datasheet
53Kb / 2P
SMALL SIGNAL DUAL N-CHANNEL J-FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Seme LAB
BSX64SMD05 SEME-LAB-BSX64SMD05 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed Ceramic Surface Mount Package for High Reliability Applications
2N2920DCSM SEME-LAB-2N2920DCSM_03 Datasheet
29Kb / 4P
DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N4392CSM SEME-LAB-2N4392CSM_03 Datasheet
19Kb / 2P
SMALL SIGNAL N?밅HANNEL J?밊ET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N4393CSM SEME-LAB-2N4393CSM_05 Datasheet
28Kb / 2P
SMALL SIGNAL N?밅HANNEL J?밊ET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com