Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPD3V3LC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DLPD3V3LC
Description  3.3V LOW CAPACITANCE BIDIRECTIONAL TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLPD3V3LC Datasheet(HTML) 1 Page - Diodes Incorporated

  DLPD3V3LC Datasheet HTML 1Page - Diodes Incorporated DLPD3V3LC Datasheet HTML 2Page - Diodes Incorporated DLPD3V3LC Datasheet HTML 3Page - Diodes Incorporated DLPD3V3LC Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DLPD3V3LC
Document number: DS30662 Rev. 9 - 3
1 of 4
www.diodes.com
November 2009
© Diodes Incorporated
DLPD3V3LC
NOT RECOMMENDED FOR NEW DESIGNS
3.3V LOW CAPACITANCE BIDIRECTIONAL TVS
Features
•
330 Watts Peak Pulse Power (tp = 8x20
μs)
•
Transient Protection for data, signal, and VCC bus to
IEC61000-4-2 level 4 (ESD)
•
Low Capacitance, typ. <3 pF
•
Bidirectional Configuration
•
Surface Mount Package Ideally Suited for Automated Insertion
•
Lead Free By Design/RoHS Compliant (Note 3)
•
"Green" Device (Note 4)
Mechanical Data
•
Case: SOT-26
•
Case Material: Molded Plastic, “Green” Molding Compound,
Note 4. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.017 grams (approximate)
Maximum Ratings, Total Device @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power (Note 2)
Ppk
330
W
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
286
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage
@ VRWM
(Note 7)
Max. Clamping
Voltage
@ Ip = 1A
(Note 2)
Max. Clamping
Voltage
VC @ IPP
(Note 2)
Max. Peak
Pulse Current
(Note 2)
Typical
Total
Capacitance
(Note 1)
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (mA)
VC (V)
(V)
IPP (A)
(pF)
3.3
4.0
⎯
1.0
0.11
8.0
22
15
2.5
Notes:
1. VR = 0V, f = 1MHz as measured between pins 1 and 3.
2 . tp = 8x20
μs. See figure 2.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Device mounted on FR-4 PCB with pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
6. From pin 3 to pin 1, and/or from pin 1 to pin 3.
7. Short duration pulse test used to minimize self-heating effect.
Top View
Device Schematic and
Pin Out Configuration
Please click here to visit our online spice models database.


Similar Part No. - DLPD3V3LC

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DLP-04 MEANWELL-DLP-04 Datasheet
168Kb / 7P
DALI Bus Power Supply
DLP-04L MEANWELL-DLP-04L Datasheet
168Kb / 7P
DALI Bus Power Supply
DLP-04R MEANWELL-DLP-04R Datasheet
168Kb / 7P
DALI Bus Power Supply
logo
List of Unclassifed Man...
DLP-7970ABP ETC2-DLP-7970ABP Datasheet
60Kb / 2P
Compatible with NFCLink Library, Compatible with MSP430G2x LaunchPad
logo
SYNERGY MICROWAVE CORPO...
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
POWER DIVIDERS 0쨘 : 12-WAY
More results

Similar Description - DLPD3V3LC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L1B2LP DIODES-D5V0L1B2LP Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
DESD5V0U1BA DIODES-DESD5V0U1BA Datasheet
460Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 4
DESD5V0V1BDLP3 DIODES-DESD5V0V1BDLP3 Datasheet
327Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 1
D3V3L1B2LP3 DIODES-D3V3L1B2LP3 Datasheet
305Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 1
D3V3Q1B2LP3 DIODES-D3V3Q1B2LP3 Datasheet
271Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 2
DESD3V3S1BL DIODES-DESD3V3S1BL_18 Datasheet
285Kb / 6P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
Rev 5
logo
Shanghai Leiditech Elec...
LC03-3.3 LEIDITECH-LC03-3.3 Datasheet
196Kb / 3P
Low Capacitance 3.3V TVS
logo
Applied Power Microelec...
LC03-3.3 APMICRO-LC03-3.3 Datasheet
812Kb / 5P
Low Capacitance 3.3V TVS
logo
Diodes Incorporated
DESD10V0X1BD2CSP DIODES-DESD10V0X1BD2CSP Datasheet
418Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS
September 2021 Rev. 1 - 2
DESD4V0X1BD2CSP DIODES-DESD4V0X1BD2CSP Datasheet
417Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS
September 2021 Rev. 1 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com