Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPD3V3LC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DLPD3V3LC
Description  3.3V LOW CAPACITANCE BIDIRECTIONAL TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLPD3V3LC Datasheet(HTML) 3 Page - Diodes Incorporated

  DLPD3V3LC Datasheet HTML 1Page - Diodes Incorporated DLPD3V3LC Datasheet HTML 2Page - Diodes Incorporated DLPD3V3LC Datasheet HTML 3Page - Diodes Incorporated DLPD3V3LC Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DLPD3V3LC
Document number: DS30662 Rev. 9 - 3
3 of 4
www.diodes.com
November 2009
© Diodes Incorporated
DLPD3V3LC
NOT RECOMMENDED FOR NEW DESIGNS
Typical Applications
Common-Mode I/O Port Protection
Differential-Mode Ethernet Protection
Package Outline Dimensions
Suggested Pad Layout
SOT-26
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
⎯
⎯
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
α
0°
8°
⎯
All Dimensions in mm
Dimensions
Value (in mm)
Z
3.20
G
1.60
X
0.55
Y
0.80
C
2.40
E
0.95
A
M
J
L
D
B C
H
K
X
Z
Y
C
E
E
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com