Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF4606 Datasheet(PDF) 3 Page - Silikron Semiconductor Co.,LTD.

Part # SSF4606
Description  High Power and current handing capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF4606 Datasheet(HTML) 3 Page - Silikron Semiconductor Co.,LTD.

  SSF4606 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF4606 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF4606 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF4606 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF4606 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSF4606
DRAIN-SOURCE DIODE CHARACTERISTICS
V =0V,I =1A
N-Ch
0.76
1
V
GS
S
Diode Forward Voltage (Note 3)
VSD
V =0V,I =-1A
P-Ch
-0.77
-1
V
GS
S
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.
N-Channel THERMAL CHARACTERISTICS
Square Wave Pluse Duration(sec)
Figure 1: Normalized Maximum Transient Thermal Impedance
P-Channel THERMAL CHARACTERISTICS
Square Wave Pluse Duration(sec)
Figure 2: Normalized Maximum Transient Thermal Impedance
©Silikron Semiconductor CO.,LTD.
3
http://www.silikron.com
v1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com