Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF4606 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF4606
Description  High Power and current handing capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF4606 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF4606 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF4606 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF4606 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF4606 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF4606 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSF4606
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
4606
SSF4606
SOP-8
Ø330mm
12mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
TA=25℃
6.9
-6
Continuous Drain Current
TA=70℃
ID
6.0
-5.0
A
Pulsed Drain Current (Note 1)
IDM
30
-30
A
TA=25℃
2.0
2.0
Maximum Power Dissipation
TA=70℃
PD
1.44
1.44
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
-55 To 150
℃
THERMAL CHARACTERISTICS
N-Ch
62.5
Thermal Resistance,Junction-to-Ambient (Note2)
RθJA
P-Ch
62.5
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
DESCRIPTION
The SSF4606 uses advanced trench
technology MOSFET to provide excellent
R
and low gate charge. The
DS(ON)
complementary MOSFET may be used
in power inverters, and other applications.
P-channel
N-channel
Schematic diagram
GENERAL FEATURES
●
N-Channel
V
= 30V,I
DS
D = 6.9A
R
< 42mΩ @ V
DS(ON)
GS=4.5V
< 28mΩ @ V
RDS(ON)
GS=10V
●
P-Channel
= -30V,I
VDS
D = -6A
R
< 58mΩ @ V
DS(ON)
GS=-4.5V
< 35mΩ @ V
RDS(ON)
GS=-10V
Marking and pin Assignment
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface Mount Package
SOP-8 top view
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v1.0


Similar Part No. - SSF4606

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF4606 GOOD-ARK-SSF4606 Datasheet
580Kb / 4P
30V Complementary MOSFET
logo
VBsemi Electronics Co.,...
SSF4606 VBSEMI-SSF4606 Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
GOOD-ARK Electronics
SSF4606 GOOD-ARK-SSF4606_15 Datasheet
580Kb / 4P
30V Complementary MOSFET
More results

Similar Description - SSF4606

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
High Power and current handing capability
SSF8421 SILIKRON-SSF8421 Datasheet
325Kb / 4P
High Power and current handing capability
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
High Power and current handing capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com