Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF8421 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8421
Description  High Power and current handing capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8421 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF8421 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8421 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8421 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8421 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSF8421
©Silikron Semiconductor CO.,LTD
2008.12.1
Version : 1.0
page 2 of 4
A Good-Ark Company
VGS=0V ID=250μA
N-Ch
20
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
P-Ch
-20
V
VDS=20V,VGS=0V
N-Ch
1
Zero Gate Voltage Drain Current
IDSS
VDS=-20V,VGS=0V
P-Ch
-1
μA
N-Ch
±100
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
P-Ch
±100
nA
ON CHARACTERISTICS (Note 3)
VDS=VGS,ID=250μA
N-Ch
0.6
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
P-Ch
-0.6
V
VGS=4.5V, ID=4.5A
N-Ch
23
30
VGS=-4.5V, ID=-3.5A
P-Ch
40
50
VGS=2.5V, ID=3.9A
N-Ch
30
40
Drain-Source On-State Resistance
RDS(ON)
VGS=-2.5V, ID=-2.7A
P-Ch
60
85
mΩ
VDS=10V,ID=4.5A
N-Ch
20
Forward Transconductance
gFS
VDS=-10V,ID=-3.5A
P-Ch
10
S
SWITCHING CHARACTERISTICS (Note 4)
N-Ch
22
50
Turn-on Delay Time
td(on)
P-Ch
27
50
nS
N-Ch
40
80
Turn-on Rise Time
tr
P-Ch
30
60
nS
N-Ch
50
100
Turn-Off Delay Time
td(off)
P-Ch
55
100
nS
N-Ch
20
40
Turn-Off Fall Time
tf
N-Ch
VDD=10 V,ID=1A
VGEN=10V,RGEN=6Ω
P-Ch
VDD=-10V,ID=-1A
VGEN=-10V,RGEN=6Ω
P-Ch
21
40
nS
N-Ch
10
20
Total Gate Charge
Qg
P-Ch
14
25
nC
N-Ch
2.5
Gate-Source Charge
Qgs
P-Ch
3.5
nC
N-Ch
3.0
Gate-Drain Charge
Qgd
N-Ch
VDS=15V,ID=4.5A,VGS=4.5V
P-Ch
VDS=-15V,ID=-4.5A,VGS=-3.5V
P-Ch
3.5
nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com