Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF8421 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8421
Description  High Power and current handing capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8421 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF8421 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8421 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8421 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8421 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSF8421
©Silikron Semiconductor CO.,LTD
2008.12.1
Version : 1.0
page 1 of 4
A Good-Ark Company
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
8421
SSF8421
TSSOP-8
Ø330mm
12mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
±12
±12
V
ID
4.5
-3.5
A
Drain Current-Continuous@Current-Pulsed
(Note 1)
IDM
30
-30
A
Maximum Power Dissipation
PD
1.0
1.0
W
Operating Junction and Storage Temperature
Range
TJ,TSTG
-55 To 150
-55 To 150
℃
THERMAL CHARACTERISTICS
N-Ch
83
Thermal Resistance,Junction-to-Ambient (Note2)
RθJA
P-Ch
100
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
GENERAL FEATURES
●N-Channel
V
= 20V,I
DS
D = 4.5A
< 40mΩ @ V
RDS(ON)
GS=2.5V
Schematic diagram
< 30mΩ @ V
RDS(ON)
GS=4.5V
●P-Channel
V
= -20V,I
DS
D = -3.5A
< 85mΩ @ V
RDS(ON)
GS=-2.5V
< 50mΩ @ V
RDS(ON)
GS=-4.5V
Marking and pin Assignment
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface Mount Package
TSSOP-8
top view


Similar Part No. - SSF8421

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF8421 GOOD-ARK-SSF8421 Datasheet
539Kb / 4P
20V Complementary MOSFET
More results

Similar Description - SSF8421

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
High Power and current handing capability
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
High Power and current handing capability
SSF3416 SILIKRON-SSF3416 Datasheet
435Kb / 7P
High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
High Power and current handing capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com