Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF8521 Datasheet(PDF) 4 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8521
Description  DC-DC conversion applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8521 Datasheet(HTML) 4 Page - Silikron Semiconductor Co.,LTD.

  SSF8521 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSF8521
DFN3X2-8L PACKAGE INFORMATION
Dimensions in Millimeters (UNIT:mm)
COMMON DIMENSIONS(MM)
PKG.
W:VERY VERY THIN
REF.
MIN.
NOM.
MAX.
A
0.70
0.75
0.80
A1
0.00
0.05
—
A3
0.2 REF.
D
2.95
3.00
3.05
E
1.95
2.00
2.05
b
0.25
0.30
0.35
L
0.28
0.35
0.43
D2
0.77
0.92
1.02
E2
0.20
0.30
0.40
e
0.65 BCS.
NOTES:
1. All dimensions are in millimeters.
2. Tolerance ±0.10mm (4 mil) unless otherwise specified
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exac
©Silikron Semiconductor CO.,LTD
2008.12.1
Version : 1.1
page 4 of 5
A Good-Ark Company



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com