Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF8521 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8521
Description  DC-DC conversion applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8521 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF8521 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSF8521
©Silikron Semiconductor CO.,LTD
2008.12.1
Version : 1.1
page 1 of 5
A Good-Ark Company
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
8521
SSF8521
DFN3X2-8L
-
-
-
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
MOSFET
Schottky
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
ID
-4.4
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-13
A
Schottky reverse voltage
VR
20
V
Continuous Forward Current
IF
4.1
A
Maximum Power Dissipation
PD
2.1
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
-55 To 150
℃
THERMAL CHARACTERISTICS
DESCRIPTION
The SSF8521 uses advanced trench technology to
provide excellent RDS(ON) and low gate charge . A
Schottky diode is provided to facilitate the
implementation of a bidirectional blocking switch,
or for DC-DC conversion applications.
Schematic diagram
GENERAL FEATURES
●
MOSFET
= -20V,I
VDS
D = -4.4A
< 170mΩ @ V
RDS(ON)
GS=-1.8V
R
< 110mΩ @ V
DS(ON)
GS=-2.5V
< 80mΩ @ V
RDS(ON)
GS=-4.5V
SCHOTTKY
VR = 20V, IF = 4.1A, VF<0.575V @ 1.0A
Marking and pin Assignment
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface Mount Package
Application
●
DC-DC conversion applications
●
Load switch
DFN3X2-8L Bottom View
●
Power management


Similar Part No. - SSF8521

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
Advanced trench MOSFET process technology
logo
Texas Instruments
SSF859 TI1-SSF859 Datasheet
897Kb / 16P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results

Similar Description - SSF8521

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ589LS SANYO-2SJ589LS Datasheet
33Kb / 4P
DC / DC Converter Applications
2SJ594 SANYO-2SJ594 Datasheet
31Kb / 4P
DC / DC Converter Applications
logo
Premier Magnetics, Inc.
PM-SM02 PMI-PM-SM02 Datasheet
41Kb / 4P
SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
logo
Silikron Semiconductor ...
SSF2783 SILIKRON-SSF2783 Datasheet
317Kb / 6P
DC−DC Conversion Circuits
SSF3117 SILIKRON-SSF3117 Datasheet
292Kb / 5P
DC-DC conversion applications
SSF4703 SILIKRON-SSF4703 Datasheet
288Kb / 5P
DC-DC conversion applications
SSF4703DC SILIKRON-SSF4703DC Datasheet
275Kb / 5P
DC-DC conversion applications
logo
Infineon Technologies A...
BAS3010A-03WE6327 INFINEON-BAS3010A-03WE6327 Datasheet
122Kb / 6P
For high efficiency DC/DC conversion fast switching, protection and clamping applications
2007-04-10
logo
Guangdong Youtai Semico...
MC33063 UMW-MC33063 Datasheet
830Kb / 5P
DC-DC conversion control circuit
MC34063 UMW-MC34063 Datasheet
777Kb / 5P
DC-DC conversion control circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com