Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SE97 Datasheet HTML 17Page - NXP Semiconductors SE97 Datasheet HTML 18Page - NXP Semiconductors SE97 Datasheet HTML 19Page - NXP Semiconductors SE97 Datasheet HTML 20Page - NXP Semiconductors SE97 Datasheet HTML 21Page - NXP Semiconductors SE97 Datasheet HTML 22Page - NXP Semiconductors SE97 Datasheet HTML 23Page - NXP Semiconductors SE97 Datasheet HTML 24Page - NXP Semiconductors SE97 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
21 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
7.10.3.3
Sequential read
If the master acknowledges the first data byte transmitted by the SE97, then the device
will continue transmitting as long as each data byte is acknowledged by the master
(Figure 20). If the end of memory is reached during sequential Read, the address counter
will ‘wrap around’ to the beginning of memory, and so on. Sequential Read works with
either ‘Immediate Address Read’ or ‘Selective Read’, the only difference being the starting
byte address.
Fig 19. Selective read timing
0
1
0
A2 A1 A0
0
A
S
1
A
slave address (memory)
START condition
R/W acknowledge
from slave
acknowledge
from slave
word address
SDA
002aac901
P
STOP condition
data from memory
A
no acknowledge
from master
0
1
0
A2 A1 A0
S
1
slave address (memory)
START condition
1
A
R/W acknowledge
from slave
Fig 20. Sequential read timing
0
1
0
A2 A1 A0
1
A
S
1
A
slave address (memory)
START condition
R/W acknowledge
from slave
acknowledge
from master
data from memory
SDA
data from memory
DATA n
+ 1
A
acknowledge
from master
002aab253
P
STOP condition
data from memory
DATA n
+ X
A
no acknowledge
from master
DATA n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com