Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2101 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SSL2101
Description  SMPS IC for dimmable LED lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2101 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SSL2101 Datasheet HTML 10Page - NXP Semiconductors SSL2101 Datasheet HTML 11Page - NXP Semiconductors SSL2101 Datasheet HTML 12Page - NXP Semiconductors SSL2101 Datasheet HTML 13Page - NXP Semiconductors SSL2101 Datasheet HTML 14Page - NXP Semiconductors SSL2101 Datasheet HTML 15Page - NXP Semiconductors SSL2101 Datasheet HTML 16Page - NXP Semiconductors SSL2101 Datasheet HTML 17Page - NXP Semiconductors SSL2101 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SSL2101_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 August 2009
14 of 22
NXP Semiconductors
SSL2101
SMPS IC for dimmable LED lighting
RDSon(WBLEED)
drain-source
on-state
resistance on pin
WBLEED
IWBLEED = 10 mA
Tj =25 °C
250
310
350
Ω
Tj = 125 °C
400
500
600
Ω
Duty factor regulator: pin PWMLIMIT
IPWMLIMIT
current on pin
PWMLIMIT
−25
-
−18
µA
VPWMLIMIT
voltage on pin
PWMLIMIT
maximum duty cycle =
3V
-3
-
V
minimum duty factor
threshold
-
0.45
-
V
Valley switching
(
∆V/∆t)vrec
valley recognition
voltage change
with time
minimum absolute
value
[1] -
100
-
V/
µs
fring
ringing frequency
N
× VO = 100 V
200
550
800
kHz
td(vrec-swon)
valley recognition
to switch-on delay
time
-
150
-
ns
Current and short circuit winding protection
Vth(ocp)SOURCE
overcurrent
protection
threshold voltage
on pin SOURCE
dV/dt = 0.1 V/
µs
0.47
0.50
0.53
V
Vth(swp)SOURCE
short-winding
protection
threshold voltage
on pin SOURCE
dV/dt = 0.1 V/
µs
-
1.5
-
V
td(ocp-swoff)
delay time from
overcurrent
protection to
switch-off
dV/dt = 0.5 V/
µs
-
160
185
ns
tleb
leading edge
blanking time
250
350
450
ns
FET output stage
IL(DRAIN)
leakage current on
pin DRAIN
VDRAIN = 600 V
-
-
125
µA
VBR(DRAIN)
breakdown
voltage on pin
DRAIN
Tamb =25 °C
600
-
-
V
RDSon
drain-source
on-state
resistance
power switch;
ISOURCE = −0.50 A
Tj =25 °C
4.50
6.5
7.5
Ω
ISOURCE = −0.20 A
Tj = 125 °C
-
9.5
10
Ω
Table 6:
Characteristics …continued
Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC and PWMLIMIT and BRIGHTNESS pins are disconnected unless
otherwise specified. Typical frequency 100 kHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com