Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2101 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SSL2101
Description  SMPS IC for dimmable LED lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2101 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SSL2101 Datasheet HTML 11Page - NXP Semiconductors SSL2101 Datasheet HTML 12Page - NXP Semiconductors SSL2101 Datasheet HTML 13Page - NXP Semiconductors SSL2101 Datasheet HTML 14Page - NXP Semiconductors SSL2101 Datasheet HTML 15Page - NXP Semiconductors SSL2101 Datasheet HTML 16Page - NXP Semiconductors SSL2101 Datasheet HTML 17Page - NXP Semiconductors SSL2101 Datasheet HTML 18Page - NXP Semiconductors SSL2101 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SSL2101_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 August 2009
15 of 22
NXP Semiconductors
SSL2101
SMPS IC for dimmable LED lighting
[1]
Voltage change in time for valley recognition.
tf(DRAIN)
fall time on pin
DRAIN
input voltage: 300 V;
no external capacitor at
drain
-75
-
ns
Temperature protection
Totp
overtemperature
protection trip
junction temperature
150
160
170
°C
Totp(hys)
overtemperature
protection trip
hysteresis
junction temperature
-
2
-
°C
Fig 9.
Typical frequency as a function of voltage on pin BRIGHTNESS
Table 6:
Characteristics …continued
Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC and PWMLIMIT and BRIGHTNESS pins are disconnected unless
otherwise specified. Typical frequency 100 kHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBRIGHTNESS (V)
0
3
2
1
014aaa664
40
60
20
80
100
fosc
(kHz)
0
fmax
fmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com