Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2101T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL2101T
Description  SMPS IC for dimmable LED lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2101T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL2101T Datasheet HTML 4Page - NXP Semiconductors SSL2101T Datasheet HTML 5Page - NXP Semiconductors SSL2101T Datasheet HTML 6Page - NXP Semiconductors SSL2101T Datasheet HTML 7Page - NXP Semiconductors SSL2101T Datasheet HTML 8Page - NXP Semiconductors SSL2101T Datasheet HTML 9Page - NXP Semiconductors SSL2101T Datasheet HTML 10Page - NXP Semiconductors SSL2101T Datasheet HTML 11Page - NXP Semiconductors SSL2101T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SSL2101_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 August 2009
8 of 22
NXP Semiconductors
SSL2101
SMPS IC for dimmable LED lighting
As soon as the oscillator voltage is high again and the secondary stroke has ended, the
circuit waits for a low drain voltage before starting a new primary stroke.
Figure 6 shows the drain voltage together with the valley signal, the signal indicating the
secondary stroke and the RC voltage.
The primary stroke starts some time before the actual valley at low ringing frequencies,
and some time after the actual valley at high ringing frequencies.
Figure 7 shows a typical curve for a reflected output voltage N at an output voltage of
80 V. This voltage is the output voltage transferred to the primary side of the transformer
with the factor N (determined by the turns ratio of the transformer). It shows that the
system switches exactly at minimum drain voltage for ringing frequencies of 480 kHz, thus
reducing the switch-on losses to a minimum. At 200 kHz, the next primary stroke is
started at 33
° before the valley. The switch-on losses are still reduced significantly.
A: Start of new cycle with valley switching.
B: Start of new cycle in a classical PWM system.
Fig 6.
Signals for valley switching, flyback configuration
014aaa572
drain
valley
secondary
ringing
secondary
stroke
primary
stroke
secondary
stroke
RC
oscillator
regulation level
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com