Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2101T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SSL2101T
Description  SMPS IC for dimmable LED lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2101T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SSL2101T Datasheet HTML 12Page - NXP Semiconductors SSL2101T Datasheet HTML 13Page - NXP Semiconductors SSL2101T Datasheet HTML 14Page - NXP Semiconductors SSL2101T Datasheet HTML 15Page - NXP Semiconductors SSL2101T Datasheet HTML 16Page - NXP Semiconductors SSL2101T Datasheet HTML 17Page - NXP Semiconductors SSL2101T Datasheet HTML 18Page - NXP Semiconductors SSL2101T Datasheet HTML 19Page - NXP Semiconductors SSL2101T Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SSL2101_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 August 2009
16 of 22
NXP Semiconductors
SSL2101
SMPS IC for dimmable LED lighting
VBRIGHTNESS = 3 V
Fig 10. Turn-on time as a function of voltage on pin PWMLIMIT
VBRIGHTNESS = 1 V
Fig 11. Turn-on time as a function of voltage on pin PWMLIMIT
VPWMLIMIT (V)
0
3
2
1
014aaa665
4
8
12
ton (µs)
0
VPWMLIMIT (V)
ton
(
µs)
0
3
2
1
014aaa666
40
80
120
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com