Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97TP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 4 Page - NXP Semiconductors

  SE97TP Datasheet HTML 1Page - NXP Semiconductors SE97TP Datasheet HTML 2Page - NXP Semiconductors SE97TP Datasheet HTML 3Page - NXP Semiconductors SE97TP Datasheet HTML 4Page - NXP Semiconductors SE97TP Datasheet HTML 5Page - NXP Semiconductors SE97TP Datasheet HTML 6Page - NXP Semiconductors SE97TP Datasheet HTML 7Page - NXP Semiconductors SE97TP Datasheet HTML 8Page - NXP Semiconductors SE97TP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
4 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
5.
Block diagram
Fig 1.
Block diagram of SE97
002aab349
SCL
SDA
EVENT
2-kbit EEPROM
NO
WRITE PROTECT
SOFTWARE
WRITE PROTECT
SE97
VSS
SMBus/I2C-BUS
INTERFACE
VDD
FFh
7Fh
00h
TEMPERATURE REGISTER
CRITICAL ALARM TRIP
UPPER ALARM TRIP
LOWER ALARM TRIP
CAPABILITY
MANUFACTURING ID
DEVICE/REV ID
SMBus TIMEOUT/ALERT
CONFIGURATION
• HYSTERESIS
• SHUT DOWN TEMP SENSOR
• LOCK PROTECTION
• EVENT OUTPUT ON/OFF
• EVENT OUTPUT POLARITY
• EVENT OUTPUT STATUS
• CLEAR EVENT OUTPUT STATUS
POINTER REGISTER
BAND GAP
TEMPERATURE
SENSOR
11-BIT
∆Σ ADC
POR
10 V
OVERVOLTAGE
FILTER
A0
A1
A2
R
30 k
Ω to 800 kΩ
R
30 k
Ω to 800 kΩ
R
30 k
Ω to 800 kΩ
80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com