Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97TP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 8Page - NXP Semiconductors SE97TP Datasheet HTML 9Page - NXP Semiconductors SE97TP Datasheet HTML 10Page - NXP Semiconductors SE97TP Datasheet HTML 11Page - NXP Semiconductors SE97TP Datasheet HTML 12Page - NXP Semiconductors SE97TP Datasheet HTML 13Page - NXP Semiconductors SE97TP Datasheet HTML 14Page - NXP Semiconductors SE97TP Datasheet HTML 15Page - NXP Semiconductors SE97TP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
12 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
feature defaults to being enabled and can be programmed to disable. These registers are
required to be initialized before the device can properly function. Except for the SPD,
which does not have any programmable registers, and does not need to be initialized.
Table 4 shows the default values and the example value to be programmed to these
registers.
7.7 SMBus time-out
The SE97 supports SMBus time-out feature. If the host holds SCL LOW between 25 ns
and 35 ms, the SE97 would reset its internal state machine to the bus IDLE state to
prevent the system bus hang-up. This feature is turned on by default. The SMBus time-out
is disabled by writing a ‘1’ to bit 7 of register 22h.
Remark: When SMBus time-out is enabled, the I2C-bus minimum bus speed is limited by
the SMBus time-out specification limit of 10 kHz.
The SE97 has no SCL driver, so it cannot hold the SCL line LOW.
Remark: SMBus time-out works over the entire supply range of 1.7 V to 3.6 V unless the
shutdown bit (SHMD) is set and turns off the oscillator.
7.8 SMBus ALERT Response Address (ARA)
The SE97 supports SMBus ALERT when it is programmed for the Interrupt mode and
when the EVENT polarity bit is set to ‘0’. The EVENT pin can be ANDed with other
EVENT or interrupt signals from other slave devices to signal their intention to
communicate with the host controller. When the host detects EVENT or other interrupt
signal LOW, it issues an ARA to which a slave device would respond with its address.
When there are multiple slave devices generating an ALERT the SE97 performs bus
arbitration with the other slaves. If it wins the bus, it responds to the ARA and then clears
the EVENT pin.
Remark: Either in comparator mode or when the SE97 crosses the critical temperature,
the host must also read the EVENT status bit and provide remedy to the situation by
bringing the temperature to within the alarm window or below the critical temperature if
that bit is set. Otherwise, the EVENT pin will not get de-asserted.
Remark: In the SE97 the ARA is set to default ON. However, in the SE97B the ARA will
be set to default OFF since ARA is not anticipated to be used in DDR3 DIMM applications.
Table 4.
Registers to be initialized
Register
Default value
Example value
Description
01h
0000h
0209h
Configuration register
• hysteresis = 1.5
°C
• EVENT output = Interrupt mode
• EVENT output is enabled
02h
0000h
0550h
Upper Boundary Alarm Trip register = 85
°C
03h
0000h
1F40h
Lower Boundary Alarm Trip register =
−20 °C
04h
0000h
05F0h
Critical Alarm Trip register = 95
°C
22h
0000h
0000h
SMBus register = no change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com