Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5700AS Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPX5700AS
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5700AS Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPX5700AS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MPX5700
Sensors
Freescale Semiconductor
9
Pressure
PACKAGE DIMENSIONS
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
INCHES
0.100 BSC
MILLIMETERS
2.54 BSC
DIM
A
B
C
D
E
F
G
J
K
N
S
V
MIN
0.690
0.245
0.780
0.027
0.178
0.048
0.014
0.345
0.300
0.220
0.182
MAX
0.255
0.820
0.033
0.186
0.064
0.016
0.375
0.310
0.240
0.720
0.194
MIN
17.53
6.22
19.81
0.69
4.52
1.22
0.36
8.76
7.62
5.59
4.62
MAX
18.28
6.48
20.82
0.84
4.72
1.63
0.41
9.53
7.87
6.10
4.93
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
A
65
4
3
2
1
C
K
N
E
-B-
PORT #1
POSITIVE
PRESSURE
(P1)
J
-T-
S
G
F
D 6 PL
PIN 1
M
B
M
0.13 (0.005)
T
V
CASE 867E-03
ISSUE D
PRESSURE SIDE PORTED (AS, GS)
C
E
V
J
PORT #1
POSITIVE
PRESSURE
(P1)
-T-
-P-
M
Q
M
0.25 (0.010)
T
D 6 PL
F
G
K
PIN 1
U
A
B
R
S
N
-Q-
S
P
M
0.13 (0.005)
Q S
T
65
4
3
2
1
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
MILLIMETERS
INCHES
0.100 BSC
2.54 BSC
DIM
A
B
C
D
E
F
G
J
K
N
P
Q
R
S
U
V
MIN
1.080
0.740
0.630
0.027
0.160
0.048
0.014
0.070
0.150
0.150
0.440
0.695
0.840
0.182
0.220
MAX
1.120
0.760
0.650
0.033
0.180
0.064
0.016
0.080
0.160
0.160
0.460
0.725
0.860
0.194
0.240
MIN
27.43
18.80
16.00
0.68
4.06
1.22
0.36
1.78
3.81
3.81
11.18
17.65
21.34
4.62
5.59
MAX
28.45
19.30
16.51
0.84
4.57
1.63
0.41
2.03
4.06
4.06
11.68
18.42
21.84
4.93
6.10
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
CASE 867F-03
ISSUE D
PRESSURE SIDE AXIAL PORT (ASX)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com