Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5700AS Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPX5700AS
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5700AS Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPX5700AS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5700AS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MPX5700
Sensors
2
Freescale Semiconductor
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 5.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2. Decoupling circuit shown in
required to meet electrical specifications.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
Gauge, Differential: MPX5700D
Absolute: MPX5700A
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
0
15
—
—
700
700
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range.
VS
4.75
5.0
5.25
Vdc
Supply Current
IO
—7.0
10
mAdc
Zero Pressure Offset(3)
Gauge, Differential (0 to 85
°C)
Absolute (0 to 85
°C)
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
0.088
0.184
0.2
—
0.313
0.409
Vdc
Full Scale Output(4)
(0 to 85
°C)
4. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
VFSO
4.587
4.7
4.813
Vdc
Full Scale Span(5)
(0 to 85
°C)
5. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
—4.5
—
Vdc
Accuracy(6)
(0 to 85
°C)
6. Accuracy (error budget) consists of the following:
Linearity: Output deviation from a straight line relationship with pressure over the specified pressure range.
Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and
from the minimum or maximum operating temperature points, with zero differential pressure applied.
Pressure Hysteresis: Output deviation at any pressure within the specified range, when this pressure is cycled to and from the minimum or
maximum rated pressure, at 25°C.
TcSpan: Output deviation over the temperature range of 0° to 85°C, relative to 25°C.
TcOffset: Output deviation with minimum rated pressure applied, over the temperature range of 0° to 85°C, relative to 25°C.
Variation from Nominal: The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS, at 25°C.
——
—
±2.5
%VFSS
Sensitivity
V/P
—
6.4
—
mV/kPa
Response Time(7)
7. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—1.0
—
ms
Output Source Current at Full Scale Output
IO+
—0.1
—
mAdc
Warm-Up Time(8)
8. Warm-up Time is defined as the time required for the device to meet the specified output voltage after the pressure has been stabilized.
——
20
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com