Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5668X Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5668X
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5668X Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5668X Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Electrical Characteristics
MPC5668x Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
39
4.11
ADC Electrical Characteristics
4.12
Flash Memory Electrical Characteristics
2 The maximum frequency value is with frequency modulation disabled. If frequency modulation is enabled, the maximuum
frequency value should be de-rated by the percentage of modulation enabled so that the maximum frequency is not exceeded.
3 “Loss of Reference Frequency” is the reference frequency detected internally, which transitions the PLL into self clocked mode.
4 This specification applies to the period required for the PLL to re-lock after changing the MFD frequency control bits in the
synthesizer control register (SYNCR). From power up with crystal oscillator reference, lock time will be additive with crystal
startup time.
5 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
jitter +Cmod.
6 Modulation depth selected must not result in f
PLL value greater than the fPLL maximum specified value.
7 Maximum and minimum variations from programmed modulation depth are 2%, 3%, and 4% peak-to-peak. Use only these
settings.
8 Depth tolerance is the programmed modulation depth ±0.25% of f
SYS. Initial design target pending silicon evaluation.
9 See the Block Guide for VCO frequency synthesis equations.
10 Modulation rates less than 400 kHz will result in exceedingly long FM calibration durations. Modulation rates greater than
1 MHz will result in reduced calibration accuracy.
Table 19. ADC Conversion Specifications (Operating)
Spec
Characteristic
Symbol
Min
Max
Unit
1
Analog High Reference Voltage
VRH
VDDA –0.5
VDDA
V
2
Analog Low Reference Voltage
VRL
00.5
V
3
Analog Input Voltage
AVIN
VRL
VRH
V
4
Sampling Frequency
FS
—1.53
MHz
5
Maximum ADC Clock Frequency
FMAX
—60
MHz
6
Sampling Time
VDDA =3.0 V–3.6V
VDDA >3.6 V–5.5V
tS
250
125
—ns
7
Differential Non Linearity
DNL
–1.0
1.0
LSB
8
Integral Non Linearity
INL
–1.5
1.5
LSB
9
Offset Error
OFS
–1.0
1.0
LSB
10
Gain Error
GNE
–2.0
2.0
LSB
11
Total Unadjusted Error 1
1 TUE assumes no pin activity on pins adjacent to analog channel or output driver activity on corresponding V
DDE segment.
TUE
–2.0
2.0
LSB
Table 20. Flash Program and Erase Specifications1
Spec
Characteristic
Symbol
Min
Initial
Max2
Max3
Unit
1
Double Word (64 bits) Program Time4
tdwprogram
——
500
μs
2
Page (128 bits and 256 bits) Program Time4
tpprogram
—
160
500
μs
3
16 KB Block Pre-program and Erase Time
t16kpperase
—
1000
5000
ms
4
64 KB Block Pre-program and Erase Time
t64kpperase
—
1800
5000
ms
5
128 KB Block Pre-program and Erase Time
t128kpperase — 2600
7500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com