Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5668X Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC5668X
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5668X Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC5668X Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Pin Assignments
MPC5668x Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
13
PC15
PC[15]
AN[47]
—
MA[2]
47
00
01
10
11
Port C GPIO
ADC Analog Input
—
ADC Ext. Mux Address Select
I/O
I
—
O
VDDE1
SHA
—
—
D5
D5
Port D (16)
PD0
PD[0]
CNTX_A
48
00
01
10
11
Port D GPIO
FlexCAN_A Transmit
—
—
I/O
O
—
—
VDDE2
SH
—
—
A2
A2
PD1
PD[1]
CNRX_A
49
00
01
10
11
Port D GPIO
FlexCAN_A Receive
—
—
I/O
I
—
—
VDDE2
SH
—
—
B2
B2
PD2
PD[2]
CNTX_B
50
00
01
10
11
Port D GPIO
FlexCAN_B Transmit
—
—
I/O
O
—
—
VDDE2
SH
—
—
B1
B1
PD3
PD[3]
CNRX_B
51
00
01
10
11
Port D GPIO
FlexCAN_B Receive
—
—
I/O
I
—
—
VDDE2
SH
—
—
C1
C1
PD4
PD[4]
CNTX_C
52
00
01
10
11
Port D GPIO
FlexCAN_C Transmit
—
—
I/O
O
—
—
VDDE2
SH
—
—
C2
C2
PD5
PD[5]
CNRX_C
53
00
01
10
11
Port D GPIO
FlexCAN_C Receive
—
—
I/O
I
—
—
VDDE2
SH
—
—
D1
D1
PD6
PD[6]
CNTX_D
TXD_K
SCL_B
54
00
01
10
11
Port D GPIO
FlexCAN_D Transmit
SCI_K Transmit
I2C_B Serial Clock
I/O
O
O
I/O
VDDE2
SH
—
—
D2
D2
PD7
PD[7]
CNRX_D
RXD_K
SDA_B
55
00
01
10
11
Port D GPIO
FlexCAN_D Receive
SCI_K Receive
I2C_B Serial Data
I/O
I
I
I/O
VDDE2
SH
—
—
E1
E1
PD8
PD[8]
CNTX_E
TXD_L
SCL_C
56
00
01
10
11
Port D GPIO
FlexCAN_E Transmit
SCI_L Transmit
I2C_C Serial Clock
I/O
O
O
I/O
VDDE2
SH
—
—
E2
E2
Table 2. MPC5668x Signal Properties (continued)
Pin
Name1
Supported
Functions2
GPIO
(PCR)
Num3
PA4
Description
I/O
Type
Volt-
age
Pad
Type5
Status
Package Pin
Locations
During
Reset6
After
Reset7
208
BGA
256
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com