Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8379ECVRALGA Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRALGA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRALGA Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRALGA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
45
Enhanced Secure Digital Host Controller (eSDHC)
11.2.1
Full-Speed Output Path (Write)
Figure 27 provides the data and command output timing diagram.
Figure 27. Full Speed Output Path
11.2.1.1
Full-Speed Write Meeting Setup (Maximum Delay)
The following equations show how to calculate the allowed skew range between the SD_CLK and
SD_DAT/CMD signals on the PCB.
No clock delay:
tSFSKHOV + tDATA_DELAY + tISU < tSFSCKL
With clock delay:
tSFSKHOV + tDATA_DELAY + tISU < tSFSCKL + tCLK_DELAY
tDATA_DELAY + tSFSCKL < tSFSCK + tCLK_DELAY – tISU – tSFSKHOV
This means that data can be delayed versus clock up to 11 ns in ideal case of tSFSCKL =20 ns:
tDATA_DELAY + 20 < 40 + tCLK_DELAY – 5 – 4
tDATA_DELAY < 11 + tCLK_DELAY
11.2.1.2
Full-Speed Write Meeting Hold (Minimum Delay)
The following equations show how to calculate the allowed skew range between the SD_CLK and
SD_DAT/CMD signals on the PCB.
tCLK_DELAY < tSFSCKL + tSFSKHOX + tDATA_DELAY – tIH
tCLK_DELAY + tIH – tSFSKHOX < tSFSCKL+ tDATA_DELAY
Input at the
MPC8379E Pins
SD CLK at the
MPC8379E Pin
Output Valid Time: tSFSKHOV
Output Hold Time: tSFSKHOX
tIH (5 ns)
tCLK_DELAY
SD CLK at
Driving
Edge
Sampling
Edge
the Card Pin
tISU (5 ns)
tDATA_DELAY
tSFSCKL
tSFSCK (Clock Cycle)
Output from the
MPC8379E Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com