Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8379ECVRALGA Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRALGA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRALGA Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRALGA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
81
Package and Pin Listings
MDQ8
D7
I/O
GVDD
11
MDQ9
E8
I/O
GVDD
11
MDQ10
B1
I/O
GVDD
11
MDQ11
D5
I/O
GVDD
11
MDQ12
B3
I/O
GVDD
11
MDQ13
D6
I/O
GVDD
11
MDQ14
C3
I/O
GVDD
11
MDQ15
C2
I/O
GVDD
11
MDQ16
D4
I/O
GVDD
11
MDQ17
E6
I/O
GVDD
11
MDQ18
F6
I/O
GVDD
11
MDQ19
G4
I/O
GVDD
11
MDQ20
F8
I/O
GVDD
11
MDQ21
E4
I/O
GVDD
11
MDQ22
C1
I/O
GVDD
11
MDQ23
G6
I/O
GVDD
11
MDQ24
F2
I/O
GVDD
11
MDQ25
G5
I/O
GVDD
11
MDQ26
H6
I/O
GVDD
11
MDQ27
H4
I/O
GVDD
11
MDQ28
D1
I/O
GVDD
11
MDQ29
G3
I/O
GVDD
11
MDQ30
H5
I/O
GVDD
11
MDQ31
F1
I/O
GVDD
11
MDQ32
W6
I/O
GVDD
11
MDQ33
AC1
I/O
GVDD
11
MDQ34
AC3
I/O
GVDD
11
MDQ35
AE1
I/O
GVDD
11
MDQ36
V6
I/O
GVDD
11
MDQ37
Y5
I/O
GVDD
11
MDQ38
AA4
I/O
GVDD
11
MDQ39
AB6
I/O
GVDD
11
MDQ40
AD3
I/O
GVDD
11
Table 68. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com