Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPL115A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPL115A2
Sensors
Freescale Semiconductor
3
Pressure
Figure 1. Block Diagram
Compensation
The pressure compensation for MPL115A2 is based on a 2-dimensional, second order polynomial.
The 10-bit compensated pressure output, Pcomp, is calculated as follows:
Pcomp = a0 + (b1 + c11*Padc + c12*Tadc) * Padc + (b2 + c22*Tadc) * Tadc
Where:
Padc is the 10-bit pressure output of the MPL115A2 ADC,
Tadc is the 10-bit temperature output of the MPL115A2 ADC,
a0 is the pressure offset coefficient,
b1 is the pressure sensitivity coefficient,
c11 is the pressure linearity (2nd order) coefficient,
c12 is the coefficient for temperature sensitivity coefficient (TCS),
b2 is the 1st order temperature offset coefficient (TCO),
c22 is the 2nd order temperature offset coefficient.
Ideally, Pcomp will produce a value of 0 with an input pressure of 50 kPa and will produce a full-scale value of 1023 with an input
pressure of 115 kPa.
Diff
Amp
Temp
Sensor
ADC
SCL
GND
VDD
SDA
Temperature
Pressure
Coefficient
Storage
ADDR
ADDR
ADDR
ADDR
ADDR
I2C
Interface
SHDN
RST
CAP
Diff
Amp
Temp
Sensor
ADC
SCL
GND
VDD
SDA
Temperature
Pressure
Coefficient
Storage
ADDR
ADDR
ADDR
ADDR
ADDR
ADDR
ADDR
ADDR
I2C
Interface
SHDN
RST
CAP
VDD
CAP
SHDN
SDA
RST
GND
SCL
μC
1
μF
1
μF
Microcontroller
4.7 k
4.7 k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com