Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPL115A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPL115A2
Sensors
2
Freescale Semiconductor
Pressure
Maximum Ratings
Voltage (with respect to GND unless otherwise noted)
VDD .............................................................................................................................. -0.3 V to +5.5 V
SCLK, CS, DIN, DOUT ................................................................................................. -0.3 V to VDD+0.3 V
Operating Temperature Range .................................................................................... -40°C to +105°C
Storage Temperature Range........................................................................................ -40°C to +125°C
Overpressure ............................................................................................................... 1000 kPa
Operating Characteristics
(VDD = 2.375 V to 5.5 V, TA = -40°C to +105°C, unless otherwise noted. Typical values are at V+ = 3.3 V, TA = +25°C.
Ref
Parameters
Symbol
Conditions
Min
Typ
Max
Units
1
Operating Supply Voltage
VDD
2.375
3.3
5.5
V
2
Supply Current
IDD
Shutdown (SHDN = GND)
—
—
1
μA
Standby
—
3.5
10
μA
Average – at one measurement per second
—
5
6
μA
Pressure Sensor
3
Range
50
—
115
kPa
4
Resolution
—0.15
—
kPa
5
Accuracy
-20ºC to 85ºC
—
±1
—
kPa
6
Power Supply Rejection
Typical operating circuit at DC
—
0.1
—
kPa/V
100 mV p-p 217 Hz square wave plus 100 mV
pseudo random noise with 10 MHz bandwidth.
—0.1
—
kPa
7
Conversion Time
(Start Pressure Convert)
tcp
Time between start convert command and data
available in the Pressure register
—0.6
0.7
ms
Temperature Sensor
8
Range
-40
—
105
ºC
9
Conversion Time
(Start Temperature Convert)
tct
Time between start convert command and data
available in the Temperature register
—0.6
0.7
ms
10
Conversion Time
(Start Both Convert)
tcb
Time between start convert command and data
available in the Pressure and Temperature
registers
—0.8
1
ms
11
Resolution
Temperature ADC is 472 counts at 25ºC
—
-5.35
—
counts/ºC
I2C I/O Stages: SCL, SDA
12
SCL Clock Frequency
fSCL
—
—
400
KHz
13
Low Level Input Voltage
VIL
—
—
0.3VDD
V
14
High Level Input Voltage
VIH
0.7VDD
——
V
I2C Outputs: SDA
15
Data Setup Time
tSU
Setup time from command receipt to ready to
transmit
100
—
—
ns
I2C Addressing
MPL115A2 uses 7-bit addressing, does not acknowledge the general call address 0000000. Slave address has been set to 0x60 or 1100000.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com