Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF04 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # DF04
Description  SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

DF04 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  DF04 Datasheet HTML 1Page - PACELEADER INDUSTRIAL DF04 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES DF005 THRU DF10
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Fig. 4 - TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE
100
10
1
0
10
20
30
40
50
60
NUMBER OF CYCLES AT 60 Hz
Fig. 1 - MAXIMUM FORWARD SURGE CURRENT
0
20
100
60
140
40
120
0
AMBIENT TEMPERATURE, C
Fig. 2 - DERATING CURVE
OUTPUT RECTIFIED CURRENT
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
20
100
60
140
40
120
80
80
.01
0.1
1.0
10
0
T =25 C
J
Fig. 3 - TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.01 0.4
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10
0
T =25 C
J
TYPICAL
DISTRIBUTION
0
T =25 C
J
DF005 thru DF10
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com