Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF04 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # DF04
Description  SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

DF04 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  DF04 Datasheet HTML 1Page - PACELEADER INDUSTRIAL DF04 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
DF005 thru DF10
FEATURES
MECHANICAL DATA
UNITS
0C
-55 to +150
pF
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
IFSM
VF
IR
R JC
CJ
1.0
50
1.1
74
25
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 1.0 AMPERES
NOTES
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 volts
2. Thermal Resestance From Junction to Ambient mounted on P.C.B with 0.5 x 0.5 (13x13mm) copper pads
TJ
TSTG
10
500
10.4
A
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Glass passivated JUNCTION
Surge overload rating to 50 amperes peak
Ldeal for printed circuit board applications
Low Forward Voltage drop
Reliable low cost construction utilizing molded
Plastic technique
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering guaranteed
o
260 C/10seconds at 5lbs. (2.3kg) tension
Case Molded plastic body over passivated junction
Terminals Plated lead, solderable per
MIL-STD-202, Method 208
Polarity Polarity symbols marked on body
Weight 0.04 ounce, 1.0gram
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current @ TA=40 C
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load
Maximum Instantaneous Forward Voltage Drop per Bridge
Element at 1.0A
0
Maximum DC Reverse @TA=25 C
0
at rated DC Blocking Voltage @TA=125 C
Rating for fusing (t<8.3ms)
Typical Junction capacitance (Note 1)
Typical Thermal resistance (Note 2)
Operating and Storage Temperature Range
V(AV)
2
A S
2
It
DF005
50
35
50
DF01
100
70
100
DF02
200
140
200
DF04
400
280
400
DF06
600
420
600
DF08
800
560
800
DF10
1000
700
1000
www.paceleader.tw


Similar Part No. - DF04

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF04 WTE-DF04 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF04 SSE-DF04 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF04 CHENYI-DF04 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF04 GOOD-ARK-DF04 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF04 WTE-DF04 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DF04

ManufacturerPart #DatasheetDescription
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
GBPC35005 NJSEMI-GBPC35005 Datasheet
165Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
Single Phase Glass Passivated Bridge Rectifiers
logo
Microdiode Semiconducto...
AB34S CHENDA-AB34S_V01 Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DF05S CHENDA-DF05S_V01 Datasheet
592Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
KBP2005 CHENDA-KBP2005_V01 Datasheet
559Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
MB2M CHENDA-MB2M_V01 Datasheet
556Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com