Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2528L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2528L-R
Description  2.4 GHz Power Amplifier with Power Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2528L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2528L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2528L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2528L
2.4 GHz Power Amplifier with Power Detector
Applications
DSSS 2.4 GHz WLAN (IEEE802.11b)
OFDM 2.4 GHz WLAN (IEEE802.11g)
Access Points, PCMCIA, PC cards
Features
Single 3.3 V Supply Operation
o
21 dBm, EVM = 3 %, 802.11g, OFDM 54
Mbps
o
24 dBm, ACPR < -32 dBc, 802.11b
Dual Supply Operation
o
23 dBm, EVM = 3 %, 802.11g, OFDM 54
Mbps
o
25 dBm, ACPR < -32 dBc, 802.11b
33 dB Gain
Pin for pin compatible to the SE2525L
Selectable Power Detector Slope for use with
multiple chipsets (Negative and Positive)
Integrated power amplifier enable pin (VEN)
Lead Free package, 16 pin 4 mm x 4 mm x 0.9
mm QFN
Ordering Information
Part Number
Package
Remark
SE2528L
16 Pin QFN
Samples
SE2528L-R
16 Pin QFN
Tape and Reel
SE2528L-EK1
Evaluation Kit
Standard
Product Description
The SE2528L is a 2.4 GHz power amplifier designed
for use in the 2.4 GHz ISM band for wireless LAN
applications. The device incorporates two selectable
power detectors for closed loop monitoring of the
output power.
The SE2528L is form, fit and function identical to
SiGe’s SE2525L.
The SE2528L design can be
placed on SE2525L designs to provide higher output
power with only a few component changes.
The SE2528L also offers a high power mode by
operating at 5 V.
This provides an extra 2 dB of
improved EVM performance.
The SE2528L includes a digital enable control for
device on/off control.
The device is pin for pin compatible to SiGe’s
SE2525L, allowing both devices to share the same
application board with only a few component changes
required. This provides users with both a high and
low power solution without changing the layout.
The
SE2528L
temperature
compensated
power
detector has two selectable power detectors slopes,
positive and negative.
This allows easy use with
multiple chipsets. The detector is also highly immune
to mismatch at its output with less than 1.5 dB of
variation with a 2:1 mismatch.
Functional Block Diagram
VCC0
V DETOUT
OUT/VCC3
IN
V CC1
V CC2
Stage 2
Stage 1
Stage 3
Bias Generator
Detector
(with Switch)
VEN
SLOPE SEL
Figure 1: Functional Block Diagram
DST-00074 Rev 1.3
May-26-2009
1 of 2


Similar Part No. - SE2528L-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2528L-R SKYWORKS-SE2528L-R Datasheet
229Kb / 14P
2.4 GHz Power Amplifier with Power Detector
September 25, 2012
More results

Similar Description - SE2528L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
logo
SiGe Semiconductor, Inc...
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
2.4 GHz Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com