Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2528L-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2528L-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2528L-R
Download  SE2528L-R Download
File Size   229.06 Kbytes
Page   14 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz Power Amplifier with Power Detector

SE2528L-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2528L-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2528L-R
Download  SE2528L-R Click to download

File Size   229.06 Kbytes
Page   14 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz Power Amplifier with Power Detector

SE2528L-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2528L-R Product details

Features
 Single 3.3 V Supply Operation
o 21 dBm, EVM = 3 %, 802.11g, OFDM 54 Mbps
o 24 dBm, ACPR < -32 dBc, 802.11b
 Dual Supply Operation
o 23 dBm, EVM = 3 %, 802.11g, OFDM 54 Mbps
o 25 dBm, ACPR < -32 dBc, 802.11b
 33 dB Gain
 Pin for pin compatible to the SE2525L
 Selectable Power Detector Slope for use with multiple chipsets (Negative and Positive)
 Integrated power amplifier enable pin (VEN)
 Lead Free package, 16 pin 4 mm x 4 mm x 0.9 mm QFN, MSL 1




Similar Part No. - SE2528L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2528L-R SIGE-SE2528L-R Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
More results


Similar Description - SE2528L-R

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
logo
SiGe Semiconductor, Inc...
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
2.4 GHz Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com