Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2528L-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2528L-R
Description  2.4 GHz Power Amplifier with Power Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2528L-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2528L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DATA SHEET
SE2528L: 2.4 GHz Power Amplifier with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202419A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
6
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Phases
Detector Selection Logic
Conditions:
VCC = VEN = 3.3 V, VCC3 = 3.3 V OR 5 V, TA = 25 °C, as measured on Skyworks Solutions’ SE2528L-
EV1 evaluation board, unless otherwise noted
SLOPESEL
Detector Slope
Detector Signal Source
Open Circuit
Positive
Internal
Ground
Negative
Internal
Power Detector
Positive Slope
Conditions:
“VCC = VCC3 = VEN = 3.3 V” OR “VCC = VEN = 3.3 V, VCC3 = 5 V”, f = 2.45 GHz, SLOPESEL = Open Circuit,
VDET IN/DETSEL = GND, TA = 25 °C, as measured on Skyworks Solutions’ SE2528L-EV1 evaluation
board, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
PDR
POUT detect range
-
0
-
P1dB
dBm
VDET
Detector voltage
POUT = 23 dBm
0.92
1.04
1.16
V
VDET
Detector voltage
POUT = 21 dBm
0.75
0.88
0.99
V
VDET
Detector voltage
POUT = NO RF
0.26
0.32
0.36
V
PDZOUT
Output Impedance
-
250
-
700
Ω
PDZLOAD
DC load impedance
-
10
-
-
kΩ
Negative Slope
Conditions:
“VCC = VCC3 = VEN = 3.3 V” OR “VCC = VEN = 3.3 V, VCC3 = 5 V”, f = 2.45 GHz, VDETOUT load = 2.4 kohm,
SLOPESEL = VDET IN/DETSEL = GND, TA = 25 °C, as measured on Skyworks Solutions’ SE2528L-EV1
evaluation board, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
PDR
POUT detect range
-
0
-
P1dB
dBm
VDET
Detector voltage
POUT = 23 dBm
0.19
0.30
0.45
V
VDET
Detector voltage
POUT = 21 dBm
0.31
0.42
0.54
V
VDET
Detector voltage
POUT = NO RF
0.9
0.95
1.02
V
PDZOUT
Output Impedance
-
2.2
2.4
3.0
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com