Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2528L-R Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SE2528L-R
Description  2.4 GHz Power Amplifier with Power Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2528L-R Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SE2528L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2528L-R Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DATA SHEET
SE2528L: 2.4 GHz Power Amplifier with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202419A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
8
Typical 3.3V Performance Characteristics
Conditions: VCC = VCC3 = VEN = 3.3 V, f = 2.45 GHz, TA = 25 °C, as measured on Skyworks Solutions’ SE2528L-EV1
evaluation board, unless otherwise noted
802.11g Performance
802.11g EVM vs. Output Power Over Frequency
0
1
2
3
4
5
3
5
7
9
11
13
15
17
19
21
Output Power (dBm)
2400
2425
2450
2500
Figure 4: SE2528L 802.11g 54 Mbps EVM (Over Frequency)
802.11b Performance
ACPR-CH1 vs. Output Power Over Voltage
(802.11b 1 Mbps CCK)
-40
-35
-30
-25
15
16
17
18
19
20
21
22
23
24
25
Output Power (dBm)
VCC 2.7 V
VCC 3 V
VCC 3.3 V
VCC 3.6 V
ACPR-CH2 vs. Output Power Over Voltage
(802.11b 1 Mbps CCK)
-75
-70
-65
-60
-55
-50
-45
15
16
17
18
19
20
21
22
23
24
25
Output Power (dBm)
VCC 2.7 V
VCC 3 V
VCC 3.3 V
VCC 3.6 V
(a)
(b)
Harmonis vs. Output Power (802.11b 1 Mbs CCK)
-55
-50
-45
-40
-35
-30
-25
14
16
18
20
22
24
26
Output Power (dBm)
2fo
3fo
(c)
Figure 5: Typical 802.11b Performance (a) ACPR-CH1 vs. Output Power Over Voltage, (b) ACPR-2 vs. Output
Power Over Voltage and (c) 2nd and 3rd Harmonics vs. Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com