Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA6816MP Datasheet(PDF) 2 Page - Sanken electric

Part # SLA6816MP
Description  High Voltage 3-Phase Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6816MP Datasheet(HTML) 2 Page - Sanken electric

  SLA6816MP Datasheet HTML 1Page - Sanken electric SLA6816MP Datasheet HTML 2Page - Sanken electric SLA6816MP Datasheet HTML 3Page - Sanken electric SLA6816MP Datasheet HTML 4Page - Sanken electric SLA6816MP Datasheet HTML 5Page - Sanken electric SLA6816MP Datasheet HTML 6Page - Sanken electric SLA6816MP Datasheet HTML 7Page - Sanken electric SLA6816MP Datasheet HTML 8Page - Sanken electric SLA6816MP Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
High Voltage 3-Phase Motor Driver
SLA6816MP
2
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
Selection Guide
Part Number
Packing
IGBT Breakdown
Voltage, VCES(min)
(V)
IGBT Saturation
Voltage, VCE(sat)(typ)
(V)
Output Current
Continuous, IO(max)
(A)
Pulsed, IOP (max)
(A)
SLA6816MP
18 pieces per tube
600
1.75
3
6
Recommended Operating Conditions
Characteristic
Symbol
Remarks
Min.
Typ.
Max.
Units
Main Supply Voltage
VBB
Between VBB and LS, IBB ≤ 2 A
–
300
450
V
Logic Supply Voltage
VCC
Between VCC and COM
13.5
–
16.5
V
Dead Time
tdead
1.5
–
–
μs
Junction Temperature
TJ
–
–
125
°C
Absolute Maximum Ratings, valid at TA = 25°C
Characteristic
Symbol
Remarks
Rating
Unit
IGBT Breakdown Voltage
VCES
VCC = 15 V, IC = 1 mA, VIN = 0 V
600
V
Logic Supply Voltage
VCC
Between VCC and COM
20
V
Bootstrap Voltage
VBS
Between VB and HS (U,V, and W phases)
20
V
Output Current, Continuous
IO
TC = 25°C
3
A
Output Current, Pulsed
IOP
PW
≤ 1 ms, duty cycle = 50%
6
A
Input Voltage
VIN
–0.5 to 7
V
RC Pin Input Voltage
VRC
Between RC and COM; CC ≤ 2200 pF
20
V
Allowable power dissipation
PD
TC = 25°C, all elements operating
32
W
Thermal resistance (Junction to Case)
RθJC
All elements operating (IGBT)
3.8
°C/W
All elements operating (FWD)
5.4
°C
Case Operating Temperature
TCOP
–20 to 100
°C
Junction Temperature (MOSFET)
TJ
150
°C
Storage Temperature
Tstg
–40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com