Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA6816MP Datasheet(PDF) 3 Page - Sanken electric

Part # SLA6816MP
Description  High Voltage 3-Phase Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6816MP Datasheet(HTML) 3 Page - Sanken electric

  SLA6816MP Datasheet HTML 1Page - Sanken electric SLA6816MP Datasheet HTML 2Page - Sanken electric SLA6816MP Datasheet HTML 3Page - Sanken electric SLA6816MP Datasheet HTML 4Page - Sanken electric SLA6816MP Datasheet HTML 5Page - Sanken electric SLA6816MP Datasheet HTML 6Page - Sanken electric SLA6816MP Datasheet HTML 7Page - Sanken electric SLA6816MP Datasheet HTML 8Page - Sanken electric SLA6816MP Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
High Voltage 3-Phase Motor Driver
SLA6816MP
3
VCC2
LIN1
VCC1
HIN1
COM1
VB1
HO3
HS3
LIN2
LIN3
FO
COM2
LO1
LO2
LO3
M
15V
HVIC
LVIC
HIN2
HIN3
VB2
VB3
HO2
HO1
HS1
HS2
10
234
5
9
6
7
8
1
13
12
14
11
17
16
15
23
22
19
18
20
21
RCIN
RS
RS
RC
CC
NOTE:
▪ All of the input pins are connected to GND with internal pull-down resistors rated at 100 kΩ, however, an external pull-down
resistor may be required to secure stable condition of the inputs if high impedance conditions are applied to them.
▪ To use the OCP circuit, an external shunt resistor, RS, is needed. The RS value can be obtained from the formula:
RS(Ω) = 0.5 V / Overcurrent Detection Set Current (A)
.
▪ A blanking timer is built-in to mask the noise generated on RS at turn-on.
▪ The external electrolytic capacitors should be placed as close to the IC as possible, in order to avoid malfunctions from
external noise interference. Put a ceramic capacitor in parallel with the electrolytic capacitor if further reduction of noise
susceptibility is necessary.
Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com