Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2537L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2537L-R
Description  5 GHz Power Amplifier with Power Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2537L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2537L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2537L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2537L
5 GHz Power Amplifier with Power Detector
Applications
DSSS 5 GHz WLAN (IEEE802.11a)
Access Points, PCMCIA, PC cards
Features
High output power amplifier 19.5dBm
Only 1 external component required
Integrated power amplifier enable pin (VEN)
Buffered,
temperature
compensated
power
detector
3% EVM, @19.5dBm, 64 QAM, 54 Mbps
30 dB Gain
Lead Free, Halogen Free and RoHS compliant
package
16 pin 3 mm x 3 mm x 0.9 mm QFN
Ordering Information
Part Number
Package
Remark
SE2537L
16 Pin QFN
Samples
SE2537L-R
16 Pin QFN
Tape and Reel
SE2537L-EK1
Evaluation Kit
Standard
Product Description
The SE2537L is a 5GHz power amplifier offering high
linear power for wireless LAN applications.
It
incorporates
a
power
detector
for
closed
loop
monitoring and control of the output power.
The
SE2537L
offers
extreme
integration
for
a
simplified design, providing quicker time to market
and higher application board production yield.
The
device integrates the input match, the inter-stage
match, a partial output match, the power detector with
20dB of dynamic range and a 3.2GHz notch filter.
Two external components are required to complete
the design.
For wireless LAN applications, the device meets the
requirements
of
IEEE802.11a
and
delivers
approximately 19.5dBm of linear output power.
For high performance applications, the SP1,2 ports
are available to connect an optional external capacitor
to enhance dynamic EVM performance.
The SE2537L bias control establishes the reference
voltage required for proper operation and allows
enabling and disabling of the power amplifier.
Functional Block Diagram
VEN
RFIN
Interstage
Match
Input
Match
Detector
Bias
VCC1
VCC2
Vdet
VCC3
RFOut
Interstage
Match
Output
Match
Figure 1: Functional Block Diagram
DST-00097
Rev 1.4
Jul-07-2009
Confidential
1 of 2


Similar Part No. - SE2537L-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2537L-R SKYWORKS-SE2537L-R Datasheet
507Kb / 9P
5 GHz Power Amplifier with Power Detector
September 25, 2012
More results

Similar Description - SE2537L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com