Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2537L-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2537L-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2537L-R
Download  SE2537L-R Download
File Size   507.41 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 5 GHz Power Amplifier with Power Detector

SE2537L-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2537L-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2537L-R
Download  SE2537L-R Click to download

File Size   507.41 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 5 GHz Power Amplifier with Power Detector

SE2537L-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2537L-R Product details

Features
 High output power amplifier 19.5dBm
 Only 1 external component required
 Integrated power amplifier enable pin (VEN)
 Buffered, temperature compensated power detector
 3% EVM, @19.5dBm, 64 QAM, 54 Mbps
 30 dB Gain
 Lead Free, Halogen Free and RoHS compliant package
 16 pin 3 mm x 3 mm x 0.9 mm QFN




Similar Part No. - SE2537L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2537L-R SIGE-SE2537L-R Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
More results


Similar Description - SE2537L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com