Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2537L-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE2537L-R
Description  5 GHz Power Amplifier with Power Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2537L-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE2537L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATA SHEET
SE2537L: 5 GHz Power Amplifier with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202420A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
2
Pin Out Diagram
Figure 2: SE2537L Pin-Out Diagram
Pin Out Description
Pin No.
Name
Description
1
N/C
No Connect
2
RFin
Power Amplifier RF input, DC block required
3,4
N/C
No Connect
5
VEN
Reference Voltage and Power Amplifier Enable
6
SP2
Ports for optional capacitor to improve dynamic EVM
7
SP1
8
Vdet OUT
Analog Power Detector Output
9,10
N/C
No Connect
11
RFout
Power Amplifier RF Output, no DC block required
12
N/C
No Connect
13
VCC3
Third Stage Supply Voltage
14
N/C
No Connect
15
VCC2
Second Stage Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com