Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2537L-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2537L-R
Description  5 GHz Power Amplifier with Power Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2537L-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2537L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2537L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DATA SHEET
SE2537L: 5 GHz Power Amplifier with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202420A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
5
Power Detector
Conditions:
VCC = 3.3 V, VEN = 2.8V, f = 5.4 GHz, TA = 25 °C, as measured on Skyworks Solutions’ SE2537L-EV1
evaluation board, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
PDR
POUT detect range
-
0
-
P1dB
dBm
VDET
Detector voltage
POUT = 19.5 dBm
-
0.63
-
V
VDET
Detector voltage
POUT = 17.5 dBm
-
0.55
-
V
VDET
Detector voltage
POUT = NO RF
-
0.35
-
V
PDZOUT
Output Impedance
-
250
-
700
Ω
PDZLOAD
DC load impedance
-
10
-
-
kΩ
SE2537L Temp Compensated Vdet vs. Pout at 5450MHz
0.3
0.4
0.5
0.6
0.7
0.8
0.9
6
8
10
12
14
16
18
20
22
Pout(dBm)
-30C
0C
25C
70C
Figure 3: SE2537L Power Detector Characteristic over Frequency



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com