Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2566U-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2566U-R
Description  2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2566U-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2566U-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2566U-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2566U
2.4 GHz Dual Channel Wireless LAN Power Amplifier
Preliminary
Applications
IEEE802.11n OFDM WLAN
Access Points, PCMCIA, PC cards
Features
Dual Transmit Stream IEEE802.11g,
IEEE802.11n
Two Integrated PAs with Harmonic Filter, 3.2GHz
Notch Filter and Reference Voltage Generator
Integrated Positive Slope Power Detector
21 dBm, 802.11b, 11 Mbits, ACPR <-30 dBc
19 dBm @ 3.0 % EVM, 802.11g, 54 Mbits
Single supply voltage: 3.3 V ± 10 %
Lead free and RoHS compliant
Small lead free plated package, 3 mm x 3 mm x
0.5 mm, MSL 1
Ordering Information
Part No.
Package
Remark
SE2566U
20 pin QFN
Samples
SE2566U-R
20 pin QFN
Tape & Reel
SE2566U-EK1
N/A
Evaluation kit
Product Description
The SE2566U is the smallest dual stream 2.5GHz
power
amplifier
module
for
802.11n
MIMO
applications.
The module includes two power
amplifier streams, an integrated reference voltage
generator, a separate detector for each stream,
harmonic filters and 3.2GHz notch filters.
The integrated transmit power detector offers 20dB of
dynamic range, and is temperature compensated for
consistent performance from 0 degC to 85 degC. The
integrated reference voltage generator offers digital
enable control, and eliminates the need for analog
bias controls from the baseband while drawing less
than 1uA.
The small 3mm x 3mm footprint of the SE2566U,
together with the integrated 50 ohm match, detector,
harmonic filter and 3.2-3.3 GHz trap filter, result in the
industry’s smallest 2-stream MIMO front end solution
for today’s very small half-minicard form factors.
An integrated receive path is located between the two
transmit paths to offer the designer maximum layout
flexibility in 2x2 or 2x3 architectures.
Functional Block Diagram
DET 0
EN0
TX IN 0
VCC0 (3.3V)
50Ω
50Ω
Filter
Bias & Control
TX OUT0
DET
DET 1
EN1
TX IN 1
VCC1 (3.3V)
50Ω
50Ω
Filter
Bias & Control
TX OUT1
DET
RX IN
RX OUT
Figure 1: Functional Block Diagram
DST-00182
Rev 1.2
May-26-2009
1 of 2


Similar Part No. - SE2566U-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
logo
Skyworks Solutions Inc.
SE2564L SKYWORKS-SE2564L Datasheet
543Kb / 12P
2.4 GHz High Efficiency Wireless LAN Front-End
September 25, 2012
logo
SiGe Semiconductor, Inc...
SE2564L-EK1 SIGE-SE2564L-EK1 Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
logo
Skyworks Solutions Inc.
SE2564L-EK1 SKYWORKS-SE2564L-EK1 Datasheet
543Kb / 12P
2.4 GHz High Efficiency Wireless LAN Front-End
September 25, 2012
logo
SiGe Semiconductor, Inc...
SE2564L-R SIGE-SE2564L-R Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
More results

Similar Description - SE2566U-R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com