Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE2579U-R
Description  2.4 GHz High Efficiency Wireless LAN/BT Front End
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2579U-R Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE2579U-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2579U-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SE2579U
2.4 GHz High Efficiency Wireless LAN/BT Front End
http://www.sige.com
Email:
sales@sige.com
Customer Service Locations:
North America:
Hong Kong
1050 Morrison Drive, Suite 100
Phone:+852 3428 7222
Ottawa ON K2H 8K7 Canada
Fax:
+852 3579 5450
Phone:+1 613 820 9244
San Diego
Fax:
+1 613 820 4933
Phone:+1 858 668 3541 (ext. 226)
Fax:
+1 858 668 3546
United Kingdom
Phone:+44 1279 464217
Fax:
+44 1279 464201
Product Preview
The datasheet contains information from the product concept specification. SiGe Semiconductor, Inc. reserves the right to change
information at any time without notification.
Preliminary Information
The datasheet contains information from the design target specification. SiGe Semiconductor, Inc. reserves the right to change
information at any time without notification.
Production testing may not include testing of all parameters.
Information furnished is believed to be accurate and reliable and is provided on an “as is” basis. SiGe Semiconductor, Inc. assumes
no responsibility or liability for the direct or indirect consequences of use of such information nor for any infringement of patents or
other rights of third parties, which may result from its use. No license or indemnity is granted by implication or otherwise under any
patent or other intellectual property rights of SiGe Semiconductor, Inc. or third parties. Specifications mentioned in this publication
are subject to change without notice.
This publication supersedes and replaces all information previously supplied.
SiGe
Semiconductor, Inc. products are NOT authorized for use in implantation or life support applications or systems without express
written approval from SiGe Semiconductor, Inc.
Copyright 2009 SiGe Semiconductor, Inc.
All Rights Reserved
DST-00290 Rev 1.6
September-20-2009
12 of 12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com