Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2579U-R
Description  2.4 GHz High Efficiency Wireless LAN/BT Front End
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2579U-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2579U-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2579U-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2579U
2.4 GHz High Efficiency Wireless LAN/BT Front End
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g,n OFDM WLAN
Embedded applications with Bluetooth (Mobile)
Features
Dual Mode IEEE802.11b & IEEE802.11g
Integrated PA, Harmonic Filter, LNA and BT port
Integrated Positive Slope Power Detector
19 dBm @ 4.0 % EVM, 802.11g, 54 Mbps
Simultaneous WLAN and Bluetooth receive mode
Direct connection to battery with 3.3 V nominal
supply
Lead free, Halogen free and RoHS compliant
Compact package, 3 x 3 x 0.5 mm, MSL 1
Ordering Information
Part No.
Package
Remark
SE2579U
20 pin QFN
Samples
SE2579U-R
20 pin QFN
Tape and Reel
SE2579U-EK1
N/A
Evaluation kit
Product Description
The SE2579U is a complete 802.11 b/g/n WLAN RF
front-end module with a Bluetooth port. The device
provides all the functionality of the power amplifier,
power detector, filter, Switch, Low Noise Amplifier,
2170 MHz notch filtering and associated matching.
The SE2579U provides a complete 2.4 GHz WLAN
RF solution from the output of the transceiver to the
antennas, and from the antennas to the input of the
transceiver, in an ultra compact form factor.
The SE2579U is designed for ease of use, with all the
critical matching and harmonic filtering integrated,
also offering a simple 50 Ω interface to the antenna.
The SE2579U includes a low noise amplifier to
increase the receive sensitivity of embedded solutions
to improve range or to overcome the insertion loss of
cellular filters often included for mobile applications. It
offers simultaneous WLAN and Bluetooth receive
mode.
The SE2579U also includes a transmitter power
detector with 20 dB of dynamic range and a digital
enable control for transmitter power ramp on/off
control. The power ramp rise/fall time is 0.5 μs typical.
Functional Block Diagram
BT
RX
TX
ANT
DET
VCC3
VCC2
VCC1
VCC1
1
2
3
4
1
2
3
4
CBTB
CRX
CTX
CBTR
LEN PEN
Figure 1: Functional Block Diagram
DST-00290 Rev 1.6
September-20-2009
1 of 12


Similar Part No. - SE2579U-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2579U-R SKYWORKS-SE2579U-R Datasheet
412Kb / 14P
2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications
January 30, 2023
More results

Similar Description - SE2579U-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
logo
Skyworks Solutions Inc.
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
logo
Silicon Storage Technol...
SST12LF03 SST-SST12LF03 Datasheet
419Kb / 18P
2.4 GHz High-Gain, High-Efficiency Front-end Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com