Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2579U-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2579U-R
Download  SE2579U-R Download
File Size   412.15 Kbytes
Page   14 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications

SE2579U-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2579U-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2579U-R
Download  SE2579U-R Click to download

File Size   412.15 Kbytes
Page   14 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications

SE2579U-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2579U-R Product details

Features
• Dual mode IEEE802.11b and IEEE802.11g
• Integrated PA, harmonic filter with support for LNA and a port
suitable for Bluetooth® signals
• Integrated positive slope power detector
• 19 dBm @ 4.0 % EVM, 802.11g, 54 Mbps
• For simultaneous WLAN and Bluetooth® receive mode
• Direct connection to battery with 3.3 V nominal supply
• Lead free, Halogen free and RoHS compliant
• Compact package, 3 x 3 x 0.5 mm, MSL 1




Similar Part No. - SE2579U-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2579U-R SIGE-SE2579U-R Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
More results


Similar Description - SE2579U-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Skyworks Solutions Inc.
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
SE2611T SKYWORKS-SE2611T Datasheet
482Kb / 9P
2.4 GHz High Efficiency Front End for WLAN and Bluetooth® Applications
January 30, 2023
SKY66403-11 SKYWORKS-SKY66403-11 Datasheet
1Mb / 15P
2.4 GHz Front-End Module for Zigbee Technology Applications/Thread/Bluetooth® Applications
February 27, 2023
SKY85300-21 SKYWORKS-SKY85300-21 Datasheet
739Kb / 11P
2.4 GHz, 256 QAM Front-End Module for WLAN and Bluetooth® Applications
December 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com