Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE2579U-R
Description  2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2579U-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE2579U-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DATA SHEET • SE2579U: 2.4 GHz HIGH EFFICIENCY FRONT-END
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202429D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 30, 2023
10
Package Dimensions
The PCB layout footprint for the SE2579U is shown in
Figure 5. Typical part markings are shown in Figure 6.
Package dimensions are shown in Figure 7, and tape and
reel dimensions are provided in Figure 8.
Package and Handling Information
Because of its sensitivity to moisture absorption,
instructions on the shipping container label must be
followed regarding exposure to moisture after the
container seal is broken, otherwise, problems related to
moisture absorption may occur when the part is subjected
to high temperature during solder assembly. The
SE2579U is capable of withstanding a Pb free solder
reflow. Care must be taken when attaching this product,
whether it is done manually or in a production solder
reflow environment. If the part is manually attached,
precaution should be taken to ensure that the device is
not subjected to temperatures above its rated peak
temperature for an extended period of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com