Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SE2579U-R
Description  2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2579U-R Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SE2579U-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DATA SHEET • SE2579U: 2.4 GHz HIGH EFFICIENCY FRONT-END
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202429D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 30, 2023
7
Table 7. SE2579U AC Electrical Characteristics, 802.11g Transmit
VCC = PEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions SE2579U-EK1 evaluation board (de-embedded to
device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
STAB
Stability
CW, Pin = -5 dBm
0.1 GHz – 20 GHz Load
VSWR = 6:1
All non-harmonically related outputs less than -43 dBm/MHz
RGGD
Ruggedness
CW, PIN = -5 dBm
0.1 GHz – 20 GHz Load
VSWR = 10:1
No permanent damage or performance degradation
Table 8. SE2579U Power Detector Characteristics
VCC = PEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions SE2579U-EK1 evaluation board (de-embedded to device), all unused
ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Fout
Frequency range
2400
2500
MHz
PDR
Power detect range, CW
Measured at ANT
0
22
dBm
PDZload
Output impedance
2.2
KΩ
PDVNoRF
Output voltage, POUT = No RF
Measured in to 1 MΩ
0.1
0.125
0.150
V
PDVp18.5
Output voltage, POUT =
18.5 dBm CW
Measured in to 1 MΩ
0.56
0.66
0.76
V
PDVp20
Output voltage, POUT = 20 dBm CW Measured in to 1 MΩ
0.70
0.80
0.90
V
PDtTVAR
Detector variation over temperature -30 to 25
°C 25 to 85 °C given detector voltage
-0.6
+0.5
dB
PDFVAR
Detector variation over frequency
2400 to 2500 MHz given detector voltage
-0.5
0.5
dB
PDVSWR
Detector variation over load
VSWR
Forward power ANT VSWR 3:1 all phases
given detector voltage
-2
+1
dB
PDBW
Detector bandwidth
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com