Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2579U-R
Description  2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2579U-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2579U-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202429D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 30, 2023
1
DATA SHEET
SE2579U: 2.4 GHz High Efficiency Front-End for Wireless LAN
and a Port Suitable for Bluetooth® Applications
Applications
• IEEE802.11b DSSS WLAN
• IEEE802.11g,n OFDM WLAN
• Embedded applications for mobile functions leveraging the
ISM band
Features
• Dual mode IEEE802.11b and IEEE802.11g
• Integrated PA, harmonic filter with support for LNA and a port
suitable for Bluetooth® signals
• Integrated positive slope power detector
• 19 dBm @ 4.0 % EVM, 802.11g, 54 Mbps
• For simultaneous WLAN and Bluetooth® receive mode
• Direct connection to battery with 3.3 V nominal supply
• Lead free, Halogen free and RoHS compliant
• Compact package, 3 x 3 x 0.5 mm, MSL 1
Description
The SE2579U is a complete 802.11 b/g/n WLAN RF front-end
module with a port suitable for Bluetooth® signals. The device
provides all the functionality of the power amplifier, power
detector, filter, switch, low noise amplifier, 2170 MHz notch filter
and associated matching. The SE2579U provides a complete 2.4
GHz WLAN RF solution from the output of the transceiver to the
antennas, and from the antennas to the input of the transceiver,
in an ultra-compact form factor.
The SE2579U is designed for ease of use, with all the critical
matching and harmonic filtering integrated, also offering a simple
50
Ω interface to the antenna.
The SE2579U includes a low noise amplifier to increase the
receive sensitivity of embedded solutions to improve range or to
overcome the insertion loss of cellular filters often included for
mobile applications. It offers simultaneous WLAN and receive
mode for a port suitable for Bluetooth® signals.
The SE2579U also includes a transmitter power detector with 20
dB of dynamic range and a digital enable control for transmitter
power ramp on/off control. The power ramp rise/fall time is 0.5
μS typical.


Similar Part No. - SE2579U-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2579U-R SIGE-SE2579U-R Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
More results

Similar Description - SE2579U-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Skyworks Solutions Inc.
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
SE2611T SKYWORKS-SE2611T Datasheet
482Kb / 9P
2.4 GHz High Efficiency Front End for WLAN and Bluetooth® Applications
January 30, 2023
SKY66403-11 SKYWORKS-SKY66403-11 Datasheet
1Mb / 15P
2.4 GHz Front-End Module for Zigbee Technology Applications/Thread/Bluetooth® Applications
February 27, 2023
SKY85300-21 SKYWORKS-SKY85300-21 Datasheet
739Kb / 11P
2.4 GHz, 256 QAM Front-End Module for WLAN and Bluetooth® Applications
December 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com