Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2579U-R
Description  2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2579U-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2579U-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DATA SHEET • SE2579U: 2.4 GHz HIGH EFFICIENCY FRONT-END
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202429D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 30, 2023
4
Electrical and Mechanical Specifications
Table 2. SE2579U Absolute Maximum Ratings1
Symbol
Definition
Min.
Max.
Unit
VCC
Supply voltage on VCC
-0.3
5.5
V
VIN
DC input on control pins
-0.3
3.6
V
PTXIN
TX input power, ANT terminated in 50Ω match
-
5
dBm
TA
Operating temperature range
-30
85
°C
TSTG
Storage temperature range
-40
150
°C
ESD HBM
JEDEC JESD22-A114
All pins except ANT, CBTB, LEN, Vcc3, Bluetooth®
signal, RX pins ANT, Bluetooth® signal pins with
recommended application circuit ANT, CBTB, LEN,
Vcc3, Bluetooth® signal, RX pins
1000
1000
400
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit
and all other parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
ESD HANDLING: Industry-standard ESD handling precautions must be adhered to at all times to avoid damage to this device.
Table 3. SE2579U Recommended Operating Conditions1
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Ambient temperature
-30
25
85
°C
VCC
Supply voltage, relative to GND = 0 V
2.7
3.3
4.8
V
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at
elevated temperatures may reduce reliability of the device.
Table 4. SE2579U DC Electrical Characteristics1
(VCC = PEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions SE2579U-EK1 evaluation board (de-embedded to device), all
unused ports terminated with 50 ohms, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-G
Total supply current
POUT = 18 dBm, 54 Mbps OFDM
signal, 64 QAM
185
210
mA
ICC-B
Total supply current
POUT = 20 dBm, 11 Mbps CCK signal,
BT = 0.45
215
248
mA
ICQ
Quiescent current
No RF
133
148
mA
ICC_OFF
Total supply current
PEN = 0 V, No RF Applied, CBTR =
CBTB = CTX
= CRX = 0 V
5
10
μA
Icc_LNA
Total supply current
LEN = Vcc
8
12
mA
ICC_LNA_ BYP
Total supply current
in bypass mode
LEN = 0 V
50
100
μA
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at
elevated temperatures may reduce reliability of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com