Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2579U-R
Description  2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2579U-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2579U-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DATA SHEET • SE2579U: 2.4 GHz HIGH EFFICIENCY FRONT-END
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202429D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 30, 2023
5
Table 5. SE2579U Control Logic Characteristics
(VCC = PEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions SE2579U-EK1 evaluation board (de-embedded to device), all
unused ports terminated with 50 ohms, unless otherwise noted.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIH
Logic high voltage
2.7.
3.3
V
VIL
Logic low voltage
0
0.4
V
IIH
Input current logic high voltage
10
μA
IIL
Input current logic low voltage
1
μA
Table 6. SE2579U Control Logic
Mode#
Mode Description
CTX
CRX
CBTB
CREF
PEN
LEN
CBTR
0
All off
0
0
0
X
0
0
0
1
Port suitable for Bluetooth® signal
0
0
1
1
0
0
0
2
WLAN Rx, high gain
0
1
0
1
0
1
0
3
WLAN Rx, low gain
0
1
0
1
0
0
0
4
WLAN TX
1
0
0
1
0
0
0
5
WLAN TX + PA enabled
1
0
0
1
1
0
0
6
(Bluetooth® signal +WLAN) Rx, high gain
0
1
0
1
0
1
1
7
(Bluetooth® signal +WLAN) Rx, low gain
0
1
0
1
0
0
1
8
ANT to (Bluetooth® signal +WLAN) connect
0
0
1
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com