Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2579U-R
Description  2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2579U-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2579U-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DATA SHEET • SE2579U: 2.4 GHz HIGH EFFICIENCY FRONT-END
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202429D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 30, 2023
3
Table 1. SE2579U Signal Descriptions
Pin No.
Name
Description
1
DNC
Do not connect
2
CRX
WLAN receive antenna switch control
3
DNC
Do not connect
4
CTX
WLAN transmit antenna switch control
5
CREF
Control pin reference ‘high’ level input
6
ANT
Antenna port (must be AC-coupled)
7
CBTB
Antenna switch control for port suitable for Bluetooth® signals
8
LEN
LNA enable
9
GND
Ground
10
VCC3
LNA power supply
11
BT
Port suitable for Bluetooth® signals (must be AC coupled)
12
RX
WLAN receive port (must be AC-coupled)
13
GND
Ground
14
TX
WLAN transmit port (must be AC-coupled)
15
DNC
Do not connect
16
DET
Transmit power detector output
17
VCC1
Power amplifier power supply
18
PEN
Power amplifier enable
19
CBTR
Function back-end switch control for port suitable for Bluetooth® signals
20
VCC2
Power amplifier power supply
Die paddle
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com