Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2579U-R
Description  2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2579U-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2579U-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DATA SHEET • SE2579U: 2.4 GHz HIGH EFFICIENCY FRONT-END
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202429D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 30, 2023
6
Table 7. SE2579U AC Electrical Characteristics, 802.11g Transmit
VCC = PEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions SE2579U-EK1 evaluation board (de-embedded to
device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency range
2400
2500
MHz
EVM
EVM
VCC = 3.3 V, POUT = 19
dBm, 54 Mbps OFDM
signal, 64 QAM
4
%
Vcc = 3.0V, POUT = 18
dBm, 54Mbps, OFDM
signal, 64 QAM
Vcc = 2.7V, POUT = 17
dBm, 54 Mbps, OFDM
signal, 64 QAM
ACPRb
Adjacent channel
power ratio 11b
Pout = 20 dBm, 11
Mbps CCK, Bluetooth®
signal (BT) = 0.45
±11 MHz offset
±22 MHz offset
-37
-58
-32
-55
dBc
ACPRg
Adjacent channel
power ratio 11g
Pout = 18 dBm, 54
Mbps OFDM, 64QAM
±11 MHz offset
±20 MHz offset
±30 MHz offset
-20
-28
-40
dBc
Pmax-OOB
Out-of-band
limited output
power
11g - 54 Mbps 11b –
11 Mbps
PSDOOB = -43
dBm/MHz, RB = 1 MHz
2310 to 2390 MHz
2483.5 to 2500 MHz
16
20
17
20
dBm
S21
Small signal gain
25
27
30
dB
ΔS21
Small signal gain
variation over
band
1.5
dBpp
2f
Harmonics
POUT = 20 dBm, 1
Mbps, 802.11b
POUT = 18 dBm, 54
Mbps
OFDM signal, 64 QAM
-35
-25
dBm/MHz
3f
-52
-43
tdr, tdf
Delay and rise/fall
time
50% of VPEN edge and
90/10% of final output
power level
0.5
1
μS
S11
Input return loss
TX port
-15
-10
S21WCDMA
Small signal gain
in WCDMA band
2110 to 2170 MHz,
relative to min in-band
gain
-11
dBr
PNWCDMA
Output noise
power in WCDMA
band
2110 to 2170 MHz
POUT = 20 dBm, 1
Mbps, 802.11b
POUT = 18 dBm, 54
Mbps
OFDM signal, 64 QAM
-130
-127
dBm/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com