Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2579U-R Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SE2579U-R
Description  2.4 GHz High Efficiency Front-End for Wireless LAN and a Port Suitable for Bluetooth® Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2579U-R Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SE2579U-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2579U-R Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DATA SHEET • SE2579U: 2.4 GHz HIGH EFFICIENCY FRONT-END
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202429D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 30, 2023
9
Table 10. SE2579U 2.4 GHz Receive Characteristics
VCC = 3.3 V, LEN = CRX = CBTR= CREF= 3.3V, PEN = CBTB = CTX = 0 V, TA = 25
°C, as measured on Skyworks Solutions SE2579U-EK1
evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Fout
Frequency range
2400
2500
MHz
S21
Receive gain, LNA enabled
(Port suitable for Bluetooth® signal +WLAN) Rx,
high gain
11
13
15
dB
WLAN Rx, high gain only, LEN = CRX = CREF=
3.3 V, PEN = CBTB = CTX =CBTR= 0 V
14
16
18
dB
ΔS21
Gain variation
2400 to 2485 MHz, over any 20 MHz band
0.5
dB
NF
Noise figure
2.0
2.5
dB
IIP3
Third order intercept
-3
dBm
S11
Input return loss
-10
dB
S12
Reverse isolation
-20
dB
IP1dB
Input P1dB
CW
-13
dBm
TEN
Enable time
10% to 90% of RX RF power, from time that LEN
is at 50%
500
nsec
S21-BYP
Receive gain, LNA bypassed
LEN = 0 V
-20
-10
dB
S11-BYP
Input return loss, LNA
bypassed
LEN = 0 V
-7
dB
ISOLSW
Switch isolation
CBTB = CBTR = lo, CRX = hi, ANT-Bluetooth®
signal + Bluetooth® signal -RX
20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com